PART |
Description |
Maker |
AD9765 DAC_12B_10-100NS AD568 AD9742 AD9752 AD9753 |
Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
|
Analog Devices, Inc. AD[Analog Devices]
|
PA-1001A1AP1Y PA1001A PCA-121P3Z PA-1001A PA-1001A |
Signal Conditioners / Converters Instalation / Operation Manual SIGNAL CONDITIONER & CONVERTERS DEM9PH SIGNAL CONDITIONER & CONVERTERS 信号调理 PT 8C 8#16 SKT PLUG 信号调理
|
Flowmetrics http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
SXE15-48S2V5J SXE15 SXE15-48S3V3J SXE15-48S05J SXE |
DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
|
Emerson Network Power
|
V7PD-15C V7PD-15C250H V7PD-15C120 V7PD-15C120H V7P |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
|
HIROSE ELECTRIC Co., Ltd. BEL[Bel Fuse Inc.]
|
MN5120 MN5121 MN5122 MN5123 MN512X MN5130 MN5131 M |
8 bit A/D converter (MN512x - MN514x) 8-bit A/D Converters 8-bit A/D Converters 8位A / D转换
|
Integrated Circuit Systems Electronic Theatre Controls, Inc. Panasonic, Corp.
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|
CS5014-BL14 CS5014-BL14Z CS5016 CS5016-BL16 CS5012 |
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC44
|
Cirrus Logic, Inc.
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
HD74HC4520 HD74HC4518 |
Dual BCD Use Converters/Dual Binary Up Converters
|
HITACHI[Hitachi Semiconductor]
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
T3-1S243.3N T3-1S2424N T3-1S2415N T3-1S123.3N T3-1 |
DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|